PART |
Description |
Maker |
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
T6340A T6505A T6505A-ADG T6505A-AEG T6505A-BDG T65 |
T6340A provides the low-dropout bias supply and the high performance alternative solution for the white LEDs application. T6505A is designed for LED displays. The T6506A is a 3-channel constant current LED drivers. 16-channel Constant Current LED Driver with LVDS Interface 24-channel LED Driver with LVDS Interface 16-channel LED Driver with LVDS Interface 24-channel Constant Current LED Driver with LVDS Interface The T8601 is a low cost, simple, high-efficiency off-line LED driver IC. The T8611 is a simple, high voltage, linear current regulator. The T6331A are integrated, high-efficiency white or RGB LED drivers. The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The T6333A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
|
Taiwan Memory Technology THine Electronics, Inc.
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
LTC3250-1.2 3250FA LTC3250ES6-1.5 LTC3250ES6-1.2 L |
From old datasheet system High Efficiency, Low Noise,
Inductorless Step-Down
DC/DC Converter High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.35 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6
|
Cypress Semiconductor Corp. Linear Technology, Corp.
|
PHC025 |
High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
Illinois Capacitor, Inc.
|
LTC1147 LTC1147-3.3 LTC1147-5 LTC1147C LTC1147CN8- |
OCTAL BUS TRANSCEIVER O.C. 20-SOIC 0 to 70 SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO8 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS From old datasheet system High Efficiency Step-Down Switching Regulator Controllers
|
Linear Technology, Corp. 稳压 Linear Technology Corporation
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
MAX1652 MAX1652EEE MAX1653 MAX1653EEE MAX1653ESE M |
High-Efficiency / PWM / Step-Down DC-DC Controllers in 16-Pin QSOP High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP From old datasheet system
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
TC110301ECT TC110303ECT TC110331ECT TC110333ECT TC |
The TC110 is a step-up (Boost) switching controller that furnishes output currents as high as 300 mA while delivering a typical efficiency of 84%. The TC110 normally operates in pulse width modulation mode (PWM), but automatically switches The TC110 is a step-up (Boost) switching controller that furnishes output currents as high as 300 mA while delivering a typical efficiency ... PFM/PWM Step-Up DC/DC Controller 烤瓷/ PWM升压DC / DC控制
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|